PART |
Description |
Maker |
MPX12GSX MPX12 MPX12D MPX12DP MPX12GP MPX12GS |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MPXA4250AC6T1 MPXA4250A6T1 MPXA4250A6U |
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT 集成压力传感050千帕.96.3 PSI)的0.2.9 V输出
|
飞思卡尔半导体(中国)有限公司
|
MPX5010GVS MPX5010GVSX MPX5010D MPX5010 MPX5010DP |
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MPXHZ6130A6U MPXHZ6130A6T1 MPXHZ6130A MPXHZ6130AC6 |
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
|
Freescale Semiconductor, Inc
|
MPX4105 MPX4105A |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
|
http:// MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MPX2700 MPX2700D MPX2700DP MPX2700GP MPX2700GS MPX |
0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-101.52Psi, 0.5%, 0-40mV, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MPXM2202 |
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors From old datasheet system 200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
|
Motorola
|
MPX2200 MPX2200A MPX2200AP MPX2200D MPX2200DP MPX2 |
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
|
Freescale Semiconductor, Inc
|
SSC |
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
|
Honeywell Solid State Electronics Center
|
SC4041ASK SC4041DS SC4041CZ SC4041EZ SC4041 SC4041 |
PRECISION SHUNT VOLTAGE REFERENCE Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 精密并联型电压基
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
HSCSMND150PA2A3 HSCSMND150PA2A5 HSCSMND150PA3A3 HS |
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
|
Honeywell Solid State Elect... Honeywell Solid State Electronics Center http:// Honeywell Solid State E...
|
HSCDRND001PG2A3 HSCDRND001PG2A5 HSCDRND001PG3A3 HS |
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
|
Honeywell Solid State E... Honeywell Solid State Electronics Center
|